công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPS bảng dữ liệu(PDF) 2 Page - Schurter Inc.

tên linh kiện CPS
Giải thích chi tiết về linh kiện  Capacitive switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHURTER [Schurter Inc.]
Trang chủ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CPS bảng dữ liệu(HTML) 2 Page - Schurter Inc.

  CPS Datasheet HTML 1Page - Schurter Inc. CPS Datasheet HTML 2Page - Schurter Inc. CPS Datasheet HTML 3Page - Schurter Inc. CPS Datasheet HTML 4Page - Schurter Inc. CPS Datasheet HTML 5Page - Schurter Inc. CPS Datasheet HTML 6Page - Schurter Inc. CPS Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Metal Line Switches
CPS
https://www.schurter.com /PG70
Switches
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
IEC 62368-1 includes the basic requirements for safety of audio, video,
information technology and office equipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
CPS with ring illuminating, with finger guide
(28.7)
30.3
1.6
max. 6
A
CPS with ring illuminating, no finger guide
(28.5)
30
1.5
max. 6
A



Html Pages

1 2 3 4 5 6 7