công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CTDAT1326F bảng dữ liệu(PDF) 1 Page - Central Technologies

tên linh kiện CTDAT1326F
Giải thích chi tiết về linh kiện  Power Inductor for Digital Amplifier - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CT [Central Technologies]
Trang chủ  http://www.ctparts.com
Logo CT - Central Technologies

CTDAT1326F bảng dữ liệu(HTML) 1 Page - Central Technologies

  CTDAT1326F Datasheet HTML 1Page - Central Technologies CTDAT1326F Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.24.17
Power Inductor for Digital Amplifier - Shielded
www.ctparts.com
CTDAT1326F
Series
From 5.6µH to 22µH
SPECIFICATIONS
*Isat: Value of inductance decrease within 20%
**Irms: A rise in temperature of core surface is within 40°C
Inductance
Test
DCR
*Isat(A)
**Irms(A)
Part
±20%
Freq.
Nom.(Max.)
Drop
Rise
Number
(µH)
(kHz)
(mΩ)
≤20%
≤40
°C
CTDAT1326F-5R6M
5.60
1.0
4.80(5.30)
13.00
12.00
CTDAT1326F-7R0M
7.00
1.0
4.80(5.30)
10.00
12.00
CTDAT1326F-100M
10.00
1.0
4.80(5.30)
6.20
12.00
CTDAT1326F-220M
22.00
1.0
9.10(10.00)
4.20
9.50
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Inductors for Class D
Features:
Magnetic shielded structure, excellent resistance to
electromagnetic interference.
Sturdy contruction.
Low magnetic loss, low ESR, small parasitic capacitance.
Closed magnetic circuit, super low buzzing, high density
mount.
The temperature rise of current and rated current less
influenced by the environment.
Applications: TV and monitor, AV amplifier, video game console,
power supply, navigation equipment, audio applications, etc.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance at 1.0kHz, 1.0V
Packaging: Tray packaging
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
13.0±0.5
Marking
Code
Side View A
Side View B
Top View
Bottom View
13.0±0.5
1.8±0.1
15.0 Max.
26.00±0.50
3.3±0.3
3.2±0.3
0.30±0.10
7.6±0.30
5.00±0.5
S
F
S
F
S
F
S
F
Connection
(Bottom View)
Unit: mm


Số phần tương tự - CTDAT1326F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Technologies
CTDAT1415F CT-CTDAT1415F Datasheet
192Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1415F-100M CT-CTDAT1415F-100M Datasheet
192Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1415F-150M CT-CTDAT1415F-150M Datasheet
192Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1415F-180M CT-CTDAT1415F-180M Datasheet
192Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1415F-220M CT-CTDAT1415F-220M Datasheet
192Kb / 2P
Power Inductor for Digital Amplifier - Shielded
More results

Mô tả tương tự - CTDAT1326F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Central Technologies
CTDAS0910AF CT-CTDAS0910AF Datasheet
342Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS0910BF CT-CTDAS0910BF Datasheet
394Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1013F CT-CTDAS1013F Datasheet
296Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1065F CT-CTDAS1065F Datasheet
292Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1415F CT-CTDAT1415F Datasheet
192Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1623F CT-CTDAT1623F Datasheet
771Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1715F CT-CTDAT1715F Datasheet
284Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT2315F CT-CTDAT2315F Datasheet
196Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT3119F CT-CTDAT3119F Datasheet
234Kb / 2P
Power Inductor for Digital Amplifier - Shielded
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com