| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 276 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 276 Page - Renesas Technology Corp |
|
276 / 923 page ![]() 238 Data buffer Memory Transfer source module Transfer destination module Memory Transfer source module Transfer destination module SAR DAR Data buffer SAR DAR The SAR value is taken as the address, and data is read from the transfer source module and stored temporarily in the DMAC. 1st bus cycle 2nd bus cycle The DAR value is taken as the address, and data stored in the DMAC's data buffer is written to the transfer destination module. DMAC DMAC Figure 11.7 Direct Address Operation during Dual Address Mode |