| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 117 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 117 Page - Renesas Technology Corp |
|
117 / 923 page ![]() 79 3.3 Pin Configuration Table 3.4 describes the function of each operating mode related pin. Table 3.4 Operating Mode Pin Function Pin Name Input/Output Function XTAL Input Connects to a crystal oscillator EXTAL Input Connects to a crystal oscillator, or used for external clock input pin PLLCAP Input Connects to a capacitor for PLL circuit operation MD0 Input Designates operating mode through the level applied to this pin MD1 Input Designates operating mode through the level applied to this pin MD2 Input Designates clock mode through the level applied to this pin MD3 Input Designates clock mode through the level applied to this pin |