| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 729 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 729 Page - Renesas Technology Corp |
|
729 / 923 page ![]() 691 Bit 5: ESU1 Description 0 Erase setup release (Initial value) 1 Erase setup [Setting condition] When FWE=1 and SWE=1 • Bit 4—Program Setup Bit 1 (PSU1): Prepares for a transition to program mode (applicable addresses: H'00000–H'1FFFFF). Do not set the SWE, ESU1, EV1, PV1, E1, or P1 bit at the same time. Bit 4: PSU1 Description 0 Program setup release (Initial value) 1 Program setup [Setting condition] When FWE=1 and SWE=1 • Bit 3—Erase-Verify 1 (EV1): Selects erase-verify mode transition or release (applicable addresses: H'00000–H'1FFFF). Do not set the SWE, ESU1, PSU1, PV1, E1, or P1 bit at the same time. Bit 3: EV1 Description 0 Erase verify mode release (Initial value) 1 Transition to erase verify mode [Setting condition] When FWE=1 and SWE=1 • Bit 2—Program-Verify 1 (PV1): Selects program-verify mode transition or release (applicable addresses: H'00000–H'1FFFF). Do not set the SWE, ESU1, PSU1, EV1, E1, or P1 bit at the same time. Bit 2: PV1 Description 0 Program verify mode release (Initial value) 1 Transition to program verify mode [Setting condition] When FWE=1 and SWE=1 |