| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7041A bảng dữ liệu(PDF) 553 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A bảng dữ liệu(HTML) 553 Page - Renesas Technology Corp |
|
553 / 923 page ![]() 515 TDRE = 1? Write transmit data in TDR and set MPBT in SSR All data transmitted? Yes TEND = 1? Read TEND bit in SSR Output break signal? Yes Set DR = 0 Clear TE bit in SCR to 0; select theTxD pin function as an output port with the PFC End transmission Yes Read TDRE bit in SSR Clear TDRE bit to 0 Initialization No No Yes No No 1 2 3 4 Start transmission Figure 14.11 Sample Flowchart for Transmitting Multiprocessor Serial Data |