| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC80310 bảng dữ liệu(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TC80310 bảng dữ liệu(HTML) 19 Page - NXP Semiconductors |
|
19 / 31 page ![]() NXP Semiconductors 19 80310 Alternator B Data field description for alternator B read command: ID = 13 7 6 5 4 3 2 1 0 Byte 1 EXC Duty Cycle [4:0] F_EL F_MEC F_HT Byte 2 LIN Bus Timeout Com error Measured Current or Temperature [5:0] Alternator B Data field description for alternator B read command: ID = 14 7 6 5 4 3 2 1 0 Byte 1 Class[4:0] Manufacturer [2:0] Byte 2 0 0 0 0 Slave Not Responding Checksum ID Parity Fault Sync Break Fault Global Data field description for alternator A+B write command: ID = 2B(20) 7 6 5 4 3 2 1 0 Byte 1 x x Target Voltage [5:0] Byte 2 Ramp Cutoff [3:0] Ramp Rate [3:0] Byte 3 x x x Current LImit [4:0] Byte 4 x x x x x x x x Global Data field description for alternator A+B sleep command: ID = 3C(20) 7 6 5 4 3 2 1 0 Byte 1 0 0 0 0 0 0 0 0 Byte 2 x x x x x x x x Byte 3 x x x x x x x x Byte 4 x x x x x x x x Notes 20. To access this command, NVM bit “Special LIN Features” must have been programmed Table 9. LIN read/write data format (continued) |