công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS889874 bảng dữ liệu(PDF) 7 Page - Integrated Circuit Systems

tên linh kiện ICS889874
Giải thích chi tiết về linh kiện  DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889874 bảng dữ liệu(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS889874 Datasheet HTML 3Page - Integrated Circuit Systems ICS889874 Datasheet HTML 4Page - Integrated Circuit Systems ICS889874 Datasheet HTML 5Page - Integrated Circuit Systems ICS889874 Datasheet HTML 6Page - Integrated Circuit Systems ICS889874 Datasheet HTML 7Page - Integrated Circuit Systems ICS889874 Datasheet HTML 8Page - Integrated Circuit Systems ICS889874 Datasheet HTML 9Page - Integrated Circuit Systems ICS889874 Datasheet HTML 10Page - Integrated Circuit Systems ICS889874 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
889874AK
www.icst.com/products/hiperclocks.html
REV. A MAY 19, 2004
7
Integrated
Circuit
Systems, Inc.
ICS889874
1:2
DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
PRELIMINARY
APPLICATION INFORMATION
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
The clock layout topology shown below is a typical termina-
tion for LVPECL outputs. The two different layouts mentioned
are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that gen-
erate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must
be used for functionality. These outputs are designed to drive
50
Ω transmission lines. Matched impedance techniques should
be used to maximize operating frequency and minimize signal
distortion.
Figures 2A and 2B show two different layouts which
are recommended only as guidelines. Other suitable clock lay-
outs may exist and it would be recommended that the board
designers simulate to guarantee compatibility across all printed
circuit and clock component process variations.
TERMINATION FOR 3.3V LVPECL OUTPUTS
FIGURE 2B. LVPECL OUTPUT TERMINATION
FIGURE 2A. LVPECL OUTPUT TERMINATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14