| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC4151 bảng dữ liệu(PDF) 69 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC4151 bảng dữ liệu(HTML) 69 Page - Analog Devices |
|
69 / 82 page ![]() LTC4284 69 Rev. B For more information www.analog.com APPLICATIONS INFORMATION BIT NAME OPERATION DEFAULT ADC_ALARM_LOG_1 (0x05) – Read/Write 7 EN#_CHANGED EN# pin changed state; 1 = EN# changed state, 0 = EN# unchanged 0 6 EEPROM_WRITTEN EEPROM was written through I2C; 1 = EEPROM was written, 0 = EEPROM write has not been written 0 5 SENSE_HIGH_ALARM ADC+ – ADC– was above SENSE_MAX_TH; 1 = ADC+ – ADC– was high, 0 = ADC+ – ADC– has not been high 0 4 SENSE_LOW_ALARM ADC+ – ADC– was below SENSE_MIN_TH; 1 = ADC+ – ADC– was low, 0 = ADC+ – ADC– has not been low 0 3 VPWR_HIGH_ALARM VPWR was above VPWR_MAX_TH; 1 = VPWR was high, 0 = VPWR has not been high 0 2 VPWR_LOW_ALARM VPWR was below VPWR_MIN_TH; 1 = VPWR was low, 0 = VPWR has not been low 0 1 POWER_HIGH_ALARM POWER was above POWER_MAX_TH; 1 = POWER was high, 0 = POWER has not been high 0 0 POWER_LOW_ALARM POWER was below POWER_MIN_TH; 1 = POWER was low, 0 = POWER has not been low 0 ADC_ALARM_LOG_2 (0x06) – Read/Write 7 ADIN1_HIGH_ALARM ADIN1 was above ADIN1_MAX_TH; 1 = ADIN1 was high, 0 = ADIN1 has not been high 0 6 ADIN1_LOW_ALARM ADIN1 was below ADIN1_MIN_TH; 1 = ADIN1 was low, 0 = ADIN1 has not been low 0 5 ADIN2_HIGH_ALARM ADIN2 was above ADIN2_MAX_TH; 1 = ADIN2 was high, 0 = ADIN2 has not been high 0 4 ADIN2_LOW_ALARM ADIN2 was below ADIN2_MIN_TH; 1 = ADIN2 was low, 0 = ADIN2 has not been low 0 3 ADIN3_HIGH_ALARM ADIN3 was above ADIN3_MAX_TH; 1 = ADIN3 was high, 0 = ADIN3 has not been high 0 2 ADIN3_LOW_ALARM ADIN3 was below ADIN3_MIN_TH; 1 = ADIN3 was low, 0 = ADIN3 has not been low 0 1 ADIN4_HIGH_ALARM ADIN4 was above ADIN4_MAX_TH; 1 = ADIN4 was high, 0 = ADIN4 has not been high 0 0 ADIN4_LOW_ALARM ADIN4 was below ADIN4_MIN_TH; 1 = ADIN4 was low, 0 = ADIN4 has not been low 0 ADC_ALARM_LOG_3 (0x07) – Read/Write 7 ADIO1_HIGH_ALARM ADIO1 was above ADIO1_MAX_TH; 1 = ADIO1 was high, 0 = ADIO1 has not been high 0 6 ADIO1_LOW_ALARM ADIO1 was below ADIO1_MIN_TH; 1 = ADIO1 was low, 0 = ADIO1 has not been low 0 5 ADIO2_HIGH_ALARM ADIO2 was above ADIO2_MAX_TH; 1 = ADIO2 was high, 0 = ADIO2 has not been high 0 4 ADIO2_LOW_ALARM ADIO2 was below ADIO2_MIN_TH; 1 = ADIO2 was low, 0 = ADIO2 has not been low 0 3 ADIO3_HIGH_ALARM ADIO3 was above ADIO3_MAX_TH; 1 = ADIO3 was high, 0 = ADIO3 has not been high 0 2 ADIO3_LOW_ALARM ADIO3 was below ADIO3_MIN_TH; 1 = ADIO3 was low, 0 = ADIO3 has not been low 0 1 ADIO4_HIGH_ALARM ADIO4 was above ADIO4_MAX_TH; 1 = ADIO4 was high, 0 = ADIO4 has not been high 0 0 ADIO4_LOW_ALARM ADIO4 was below ADIO4_MIN_TH; 1 = ADIO4 was low, 0 = ADIO4 has not been low 0 Table 9. ADC_ALARM_LOG Registers (0x05–0x09) – Read/Write |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |