công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC4261 bảng dữ liệu(PDF) 69 Page - Analog Devices

tên linh kiện LTC4261
Giải thích chi tiết về linh kiện  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC4261 bảng dữ liệu(HTML) 69 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 65Page - Analog Devices LTC4261 Datasheet HTML 66Page - Analog Devices LTC4261 Datasheet HTML 67Page - Analog Devices LTC4261 Datasheet HTML 68Page - Analog Devices LTC4261 Datasheet HTML 69Page - Analog Devices LTC4261 Datasheet HTML 70Page - Analog Devices LTC4261 Datasheet HTML 71Page - Analog Devices LTC4261 Datasheet HTML 72Page - Analog Devices LTC4261 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
LTC4284
69
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
BIT NAME
OPERATION
DEFAULT
ADC_ALARM_LOG_1 (0x05) – Read/Write
7
EN#_CHANGED
EN# pin changed state; 1 = EN# changed state, 0 = EN# unchanged
0
6
EEPROM_WRITTEN
EEPROM was written through I2C; 1 = EEPROM was written, 0 = EEPROM write has not been written
0
5
SENSE_HIGH_ALARM ADC+ – ADC– was above SENSE_MAX_TH; 1 = ADC+ – ADC– was high, 0 = ADC+ – ADC– has not been high
0
4
SENSE_LOW_ALARM ADC+ – ADC– was below SENSE_MIN_TH; 1 = ADC+ – ADC– was low, 0 = ADC+ – ADC– has not been low
0
3
VPWR_HIGH_ALARM VPWR was above VPWR_MAX_TH; 1 = VPWR was high, 0 = VPWR has not been high
0
2
VPWR_LOW_ALARM
VPWR was below VPWR_MIN_TH; 1 = VPWR was low, 0 = VPWR has not been low
0
1
POWER_HIGH_ALARM POWER was above POWER_MAX_TH; 1 = POWER was high, 0 = POWER has not been high
0
0
POWER_LOW_ALARM POWER was below POWER_MIN_TH; 1 = POWER was low, 0 = POWER has not been low
0
ADC_ALARM_LOG_2 (0x06) – Read/Write
7
ADIN1_HIGH_ALARM ADIN1 was above ADIN1_MAX_TH; 1 = ADIN1 was high, 0 = ADIN1 has not been high
0
6
ADIN1_LOW_ALARM
ADIN1 was below ADIN1_MIN_TH; 1 = ADIN1 was low, 0 = ADIN1 has not been low
0
5
ADIN2_HIGH_ALARM ADIN2 was above ADIN2_MAX_TH; 1 = ADIN2 was high, 0 = ADIN2 has not been high
0
4
ADIN2_LOW_ALARM
ADIN2 was below ADIN2_MIN_TH; 1 = ADIN2 was low, 0 = ADIN2 has not been low
0
3
ADIN3_HIGH_ALARM ADIN3 was above ADIN3_MAX_TH; 1 = ADIN3 was high, 0 = ADIN3 has not been high
0
2
ADIN3_LOW_ALARM
ADIN3 was below ADIN3_MIN_TH; 1 = ADIN3 was low, 0 = ADIN3 has not been low
0
1
ADIN4_HIGH_ALARM ADIN4 was above ADIN4_MAX_TH; 1 = ADIN4 was high, 0 = ADIN4 has not been high
0
0
ADIN4_LOW_ALARM
ADIN4 was below ADIN4_MIN_TH; 1 = ADIN4 was low, 0 = ADIN4 has not been low
0
ADC_ALARM_LOG_3 (0x07) – Read/Write
7
ADIO1_HIGH_ALARM ADIO1 was above ADIO1_MAX_TH; 1 = ADIO1 was high, 0 = ADIO1 has not been high
0
6
ADIO1_LOW_ALARM
ADIO1 was below ADIO1_MIN_TH; 1 = ADIO1 was low, 0 = ADIO1 has not been low
0
5
ADIO2_HIGH_ALARM ADIO2 was above ADIO2_MAX_TH; 1 = ADIO2 was high, 0 = ADIO2 has not been high
0
4
ADIO2_LOW_ALARM
ADIO2 was below ADIO2_MIN_TH; 1 = ADIO2 was low, 0 = ADIO2 has not been low
0
3
ADIO3_HIGH_ALARM ADIO3 was above ADIO3_MAX_TH; 1 = ADIO3 was high, 0 = ADIO3 has not been high
0
2
ADIO3_LOW_ALARM
ADIO3 was below ADIO3_MIN_TH; 1 = ADIO3 was low, 0 = ADIO3 has not been low
0
1
ADIO4_HIGH_ALARM ADIO4 was above ADIO4_MAX_TH; 1 = ADIO4 was high, 0 = ADIO4 has not been high
0
0
ADIO4_LOW_ALARM
ADIO4 was below ADIO4_MIN_TH; 1 = ADIO4 was low, 0 = ADIO4 has not been low
0
Table 9. ADC_ALARM_LOG Registers (0x05–0x09) – Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82