50 / 52 page

Packaging-11
E
0.590 ± 0.015
S1
0.005 MIN.
S2
0.005 MAX.
TOP VIEW
PIN 1 I.D.
(Geometry Optional)
D
1.200 ± 0.025
SIDE VIEW
A
0.140 MAX.
L/L1
0.150 MIN.
0.100
e
Notes:
1. All package finishes are per MIL-M-38510.
2. It is recommended that package ceramic be mounted to
a heat removal rail located on the printed circuit board.
A thermally conductive material such as MERECO XLN-589 or
equivalent should be used.
3. Letter designations are for cross-reference to MIL-M-38510.
END VIEW
C
0.010
+ 0.002
- 0.001
E1
0.600 + 0.010
(At Seating Plane)
b
0.018 ± 0.002
24-Lead Side-Brazed DIP, Single Cavity