công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCRT-WPC bảng dữ liệu(PDF) 16 Page - List of Unclassifed Manufacturers

tên linh kiện BCRT-WPC
Giải thích chi tiết về linh kiện  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-WPC bảng dữ liệu(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button BCRT-WPC Datasheet HTML 12Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 15Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 16Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 17Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 18Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 19Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
RTI-16
;
OUTPUT ADDRESS BUS
NAME
PIN NUMBER
TYPE
ACTIVE
DESCRIPTION
LCC
PGA
ADDR OUT 10
76
C2
TTO
--
Bit 10 (MSB) of the Address Output bus.
ADDR OUT 9
78
C1
TTO
--
Bit 9 of the Address Output bus.
ADDR OUT 8
80
D1
TTO
--
Bit 8 of the Address Output bus.
ADDR OUT 7
82
E2
TTO
--
Bit 7 of the Address Output bus.
ADDR OUT 6
84
E3
TTO
--
Bit 6 of the Address Output bus.
ADDR OUT 5
2
F1
TTO
--
Bit 5 of the Address Output bus.
ADDR OUT 4
4
G2
TTO
--
Bit 4 of the Address Output bus.
ADDR OUT 3
6
H1
TTO
--
Bit 3 of the Address Output bus.
ADDR OUT 2
8
J1
TTO
--
Bit 2 of the Address Output bus.
ADDR OUT 1
10
J2
TTO
--
Bit 1 of the Address Output bus.
ADDR OUT 0
11
L1
TTO
--
Bit 0 (LSB) of the Address Output bus.
REMOTE TERMINAL ADDRESS INPUTS
NAME
PIN NUMBER
TYPE
ACTIVE
DESCRIPTION
LCC
PGA
TA4
56
B9
TUI
--
Remote Terminal Address bit 4 (MSB).
TA3
58
B8
TUI
--
Remote Terminal Address bit 3.
TA2
60
B7
TUI
--
Remote Terminal Address bit 2.
TA1
62
A7
TUI
--
Remote Terminal Address bit 1.
TA0
C6
64
TUI
--
Remote Terminal Address bit 0.
TALEN/PARITY
52
C10
TUI
--
Remote Terminal Address Latch Enable/
Remote Terminal Parity Input. Function
of input is defined by he state of pin EXT
TEST and EXT TST CH SEL A/B. For
EXT TEST = 0, EXT TST CH SEL A/B
= 1, TALEN/PARITY must provide odd
parity for the Remote Terminal Address.
For all other states of EXT TEST and
EXT TST CH SEL A/B (i.e., 00, 10, 11)
TALEN/PARITY functions as an active
low address strobe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com