công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCRT-APC bảng dữ liệu(PDF) 49 Page - List of Unclassifed Manufacturers

tên linh kiện BCRT-APC
Giải thích chi tiết về linh kiện  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-APC bảng dữ liệu(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button BCRT-APC Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 45Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 46Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 47Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 48Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 49Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 50Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 51Page - List of Unclassifed Manufacturers BCRT-APC Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Packaging-10
36-Lead Side-Brazed DIP, Dual Cavity
TOP VIEW
END VIEW
E
0.590 ± 0.012
Notes:
1. All package finishes are per MIL-M-38510.
2. It is recommended that package ceramic be mounted to
a heat removal rail located on the printed circuit board.
A thermally conductive material such as MERECO XLN-589
or equivalent should be used.
3. Letter designations are for cross-reference to MIL-M-38510.
PIN 1 I.D.
(Geometry Optional)
SIDE VIEW
S1
0.005 MIN.
D
1.800 ± 0.025
S2
0.005 MAX.
e
0.100
A
0.155 MAX.
L/L1
0.150 MIN.
C
0.010 + 0.002
- 0.001
E1
0.600 + 0.010
(At Seating Plane)
b
0.018 ± 0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52