| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74ACT823SDMQB bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74ACT823SDMQB bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLF9894 March 1993 54ACT74ACT823 9-Bit D Flip-Flop General Description The ’ACT823 is a 9-bit buffered register It features Clock Enable and Clear which are ideal for parity bus interfacing in high performance microprogramming systems The ’ACT823 offers noninverting outputs and is fully compatible with AMD’s Am29823 Features Y Outputs sourcesink 24 mA Y TRI-STATE outputs for bus interfacing Y Inputs and outputs are on opposite sides Y ’ACT823 has TTL-compatible inputs Logic Symbols Connection Diagrams TLF9894 – 1 IEEEIEC TLF9894 – 2 Pin Assignment for DIP Flatpak and SOIC TLF9894 – 3 Pin Assignment for LCC TLF9894 – 4 Pin Names Description D0–D8 Data Inputs O0–O8 Data Outputs OE Output Enable CLR Clear CP Clock Input EN Clock Enable FACTTM is a trademark of National Semiconductor Corporation TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M75Printed in U S A |
Số phần tương tự - 74ACT823SDMQB |
|
Mô tả tương tự - 74ACT823SDMQB |