công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX312C/D bảng dữ liệu(PDF) 6 Page - Maxim Integrated Products

tên linh kiện MAX312C/D
Giải thích chi tiết về linh kiện  10廓, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312C/D bảng dữ liệu(HTML) 6 Page - Maxim Integrated Products

Back Button MAX312C/D Datasheet HTML 2Page - Maxim Integrated Products MAX312C/D Datasheet HTML 3Page - Maxim Integrated Products MAX312C/D Datasheet HTML 4Page - Maxim Integrated Products MAX312C/D Datasheet HTML 5Page - Maxim Integrated Products MAX312C/D Datasheet HTML 6Page - Maxim Integrated Products MAX312C/D Datasheet HTML 7Page - Maxim Integrated Products MAX312C/D Datasheet HTML 8Page - Maxim Integrated Products MAX312C/D Datasheet HTML 9Page - Maxim Integrated Products MAX312C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
10
Ω
Ω, Quad, SPST, CMOS Analog Switches
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Logic Supply Voltage
12
12
Analog Signal Normally Open Terminals
—
—
Analog Signal Normally Closed Terminals
—
—
Negative Analog Supply Input (connect to GND for single-supply operation)
4
4
Logic Level Ground
5
5
Analog Signal Normally Open Terminals
3, 6,
11, 14
—
Analog Signal Normally Closed Terminals
—
3, 6,
11, 14
Analog Signal Common Terminals
2, 7,
10, 15
2, 7,
10, 15
Logic Level Inputs
1, 8,
9, 16
1, 8,
9, 16
FUNCTION
12
3, 6
11, 14
4
5
—
—
2, 7,
10, 15
1, 8,
9, 16
PIN
VL
NO1, NO4
NC3, NC2
V-
GND
NO1, NO4,
NO3, NO2
NC1, NC4,
NC3, NC2
COM1, COM4,
COM3, COM2
IN2, IN4,
IN3, IN2
NAME
Positive Analog Supply Input
13
13
13
V+
MAX312
MAX313
MAX314
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
-120
10
100
1000
10000
100000
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
-80
-100
FREQUENCY (Hz)
-60
-40
-20
100
.0001
.01
.001
.1
1
10
SIGNAL DISTORTION
MEASUREMENT LIMITS
V+ = 15V
V- = -15V
5VRMS SIGNAL
600
Ω SOURCE AND LOAD
0
-80
1
10
100
300
FREQUENCY RESPONSE
-60
-70
FREQUENCY (MHz)
-50
-20
-30
-40
-10
20
-60
-40
-50
-30
0
-10
-20
10
ON
PHASE
ON RESPONSE
OFF ISOLATION
2.5pF CAPACITOR
(FOR REFERENCE ONLY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com