| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL163DB120PCF bảng dữ liệu(PDF) 29 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL163DB120PCF bảng dữ liệu(HTML) 29 Page - Advanced Micro Devices |
|
29 / 57 page ![]() May 26, 2004 Am29DL16xD 29 Command Definitions Table 14. Am29DL16xD Command Definitions Legend: X = Don’t care RA = Address of the memory location to be read. RD = Data read from location RA during read operation. PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE# or CE# pulse, whichever happens later. PD = Data to be programmed at location PA. Data latches on the rising edge of WE# or CE# pulse, whichever happens first. SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A19–A12 uniquely select any sector. BA = Address of the bank that is being switched to autoselect mode, is in bypass mode, or is being erased. Notes: 1. See Table 1 for description of bus operations. 2. All values are in hexadecimal. 3. Except for the read cycle and the fourth cycle of the autoselect command sequence, all bus cycles are write cycles. 4. Data bits DQ15–DQ8 are don’t care in command sequences, except for RD and PD. 5. Unless otherwise noted, address bits A19–A11 are don’t cares. 6. No unlock or command cycles required when bank is reading array data. 7. The Reset command is required to return to reading array data (or to the erase-suspend-read mode if previously in Erase Suspend) when a bank is in the autoselect mode, or if DQ5 goes high (while the bank is providing status information). 8. The fourth cycle of the autoselect command sequence is a read cycle. The system must provide the bank address to obtain the manufacturer ID, device ID, or SecSi Sector factory protect information. Data bits DQ15–DQ8 are don’t care. See the Autoselect Command Sequence section for more information. 9. The data is 81h for factory locked and 01h for not factory locked. 10. The data is 00h for an unprotected sector/sector block and 01h for a protected sector/sector block. 11. The Unlock Bypass command is required prior to the Unlock Bypass Program command. 12. The Unlock Bypass Reset command is required to return to reading array data when the bank is in the unlock bypass mode. 13. The system may read and program in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend mode. The Erase Suspend command is valid only during a sector erase operation, and requires the bank address. 14. The Erase Resume command is valid only during the Erase Command Sequence (Note 1) Bus Cycles (Notes 2–5) First Second Third Fourth Fifth Sixth Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read (Note 6) 1 RA RD Reset (Note 7) 1 XXX F0 Manufacturer ID Word 4 555 AA 2AA 55 (BA)555 90 (BA)X00 01 Byte AAA 555 (BA)AAA Device ID Word 4 555 AA 2AA 55 (BA)555 90 (BA)X01 (see Table 7) Byte AAA 555 (BA)AAA (BA)X02 SecSi ™ Factory Protect (Note 9) Word 4 555 AA 2AA 55 (BA)555 90 (BA)X03 81/01 Byte AAA 555 (BA)AAA (BA)X06 Sector Protect Verify (Note 10) Word 4 555 AA 2AA 55 (BA)555 90 (SA)X02 00/01 Byte AAA 555 (BA)AAA (SA)X04 Enter SecSi Sector Region Word 3 555 AA 2AA 55 555 88 Byte AAA 555 AAA Exit SecSi Sector Region Word 4 555 AA 2AA 55 555 90 XXX 00 Byte AAA 555 AAA Program Word 4 555 AA 2AA 55 555 A0 PA PD Byte AAA 555 AAA Unlock Bypass Word 3 555 AA 2AA 55 555 20 Byte AAA 555 AAA Unlock Bypass Program (Note 11) 2 XXX A0 PA PD Unlock Bypass Reset (Note 12) 2 XXX 90 XXX 00 Chip Erase Word 6 555 AA 2AA 55 555 80 555 AA 2AA 55 555 10 Byte AAA 555 AAA AAA 555 AAA Sector Erase Word 6 555 AA 2AA 55 555 80 555 AA 2AA 55 SA 30 Byte AAA 555 AAA AAA 555 Erase Suspend (Note 13) 1 BA B0 Erase Resume (Note 14) 1 BA 30 CFI Query (Note 15) Word 1 55 98 Byte AA |