| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z1601720ASC bảng dữ liệu(PDF) 49 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z1601720ASC bảng dữ liệu(HTML) 49 Page - Zilog, Inc. |
|
49 / 138 page ![]() Z86017/Z16017 PCMCIA Interface Solution Product Specification Programming Internal Registers PS012002-1201 35 28h NA ATA/IDE Dual Drive Control Rg R/W 00h Note3 29h Reserved R/W 00h 2Ah NA Power Management Timer Count Value Rg R/W 00h Note3 2Bh NA Power Management Control Rg R/W 00h Note3 2Ch NA Interface Con•guration Rg 4 R/W 00h Note3 2Dh NA Con•guration Index Compare Rg 1 R/W 00h Note3 2Eh NA Con•guration Index Compare Rg 2 R/W 00h Note3 2Fh NA Bus Control Rg 2 R/W 00h Note3 30h–FFh User-Definable Attribute Memory R/W XXh Note6 Location 00h–CFh (208-byte) NOTES: 1. When the ZX6017 is in Master Mode, the user should program this location in EEPROM with 00h. 2. The PCMCIA base address for these registers could be set in the range of 000h–400h. At Power-On Reset (POR), the base is set to 000h. 3. User must write the Revision Number (see ZX6017 top mark) to the Revision Control register to unlock these registers. 4. The Z86017 BA Revision Number is 10h (see device top mark). 5. These registers are only available on the Z16017. 6. When the ZX6017 is in Master Mode, data at EEPROM addresses 30h–FFh are written locations 00h–CFh of the on-board Attribute Memory. In Slave Mode, Attribute Memory is programmed through registers 08h and 09h. Table 10. ZX6017 Card Configuration Registers (Continued) EEPROM Address PCMCIA Address Register’s Name Access POR Value Comments |