công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSCSM170TAM45CT3AG bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện MSCSM170TAM45CT3AG
Giải thích chi tiết về linh kiện  Triple Phase Bridge SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170TAM45CT3AG bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button MSCSM170TAM45CT3AG Datasheet HTML 8Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 9Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 10Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 11Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 12Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 13Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 14Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 15Page - Microchip Technology MSCSM170TAM45CT3AG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2.
Package Specifications
The following section shows the package specification of the MSCSM170TAM45CT3AG device.
2.1
Package Outline
The following figure shows the package outline drawing of the MSCSM170TAM45CT3AG device. The dimensions in
the following figure are in millimeters.
Figure 2-1. Package Outline Drawing
Note:  See AN3500A—Mounting Instructions for SP1F and SP3F Power Modules for more information..
MSCSM170TAM45CT3AG
Package Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003966A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17