công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F012APJ020SC bảng dữ liệu(PDF) 63 Page - Zilog, Inc.

tên linh kiện Z8F012APJ020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F012APJ020SC bảng dữ liệu(HTML) 63 Page - Zilog, Inc.

Back Button Z8F012APJ020SC Datasheet HTML 59Page - Zilog, Inc. Z8F012APJ020SC Datasheet HTML 60Page - Zilog, Inc. Z8F012APJ020SC Datasheet HTML 61Page - Zilog, Inc. Z8F012APJ020SC Datasheet HTML 62Page - Zilog, Inc. Z8F012APJ020SC Datasheet HTML 63Page - Zilog, Inc. Z8F012APJ020SC Datasheet HTML 64Page - Zilog, Inc. Z8F012APJ020SC Datasheet HTML 65Page - Zilog, Inc. Z8F012APJ020SC Datasheet HTML 66Page - Zilog, Inc. Z8F012APJ020SC Datasheet HTML 67Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 276 page
background image
PS022815-0206
General-Purpose I/O
Z8 Encore! XP® 4K Series
Product Specification
44
drains if set to 1.
0 = The source current is enabled for any output mode (unless overridden by the alternate
function). (Push-pull output)
1 = The source current for the associated pin is disabled (open-drain mode).
Port A–D High Drive Enable Sub-Registers
The Port A–D High Drive Enable sub-register (Table 23) is accessed through the Port
A–D Control register by writing 04H to the Port A–D Address register. Setting the bits in
the Port A–D High Drive Enable sub-registers to 1 configures the specified port pins for
high current output drive operation. The Port A–D High Drive Enable sub-register affects
the pins directly and, as a result, alternate functions are also affected.
PHDE[7:0]—Port High Drive Enabled
0 = The Port pin is configured for standard output current drive.
1 = The Port pin is configured for high output current drive.
Port A–D STOP Mode Recovery Source Enable Sub-Registers
The Port A–D STOP Mode Recovery Source Enable sub-register (Table 24) is accessed
through the Port A–D Control register by writing 05H to the Port A–D Address register.
Setting the bits in the Port A–D STOP Mode Recovery Source Enable sub-registers to 1
configures the specified Port pins as a STOP Mode Recovery source. During STOP Mode,
any logic transition on a Port pin enabled as a STOP Mode Recovery source initiates
STOP Mode Recovery.
PSMRE[7:0]—Port STOP Mode Recovery Source Enabled
0 = The Port pin is not configured as a STOP Mode Recovery source. Transitions on this
Table 23. Port A–D High Drive Enable Sub-Registers (PxHDE)
BITS
7
6
5
4
3
2
1
0
FIELD
PHDE7
PHDE6
PHDE5
PHDE4
PHDE3
PHDE2
PHDE1
PHDE0
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
If 04H in Port A–D Address Register, accessible through the Port A–D Control Register
Table 24. Port A–D STOP Mode Recovery Source Enable Sub-Registers (PxSMRE)
BITS
7
6
5
4
3
2
1
0
FIELD
PSMRE7
PSMRE6
PSMRE5
PSMRE4
PSMRE3
PSMRE2
PSMRE1
PSMRE0
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
If 05H in Port A–D Address Register, accessible through the Port A–D Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com