| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8018010FSC bảng dữ liệu(PDF) 91 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8018010FSC bảng dữ liệu(HTML) 91 Page - Zilog, Inc. |
|
91 / 124 page ![]() Z 8018x Fam il y M PU Use r M anual 76 UM005001-ZMP0400 The TRAP interrupt occurs if an invalid instruction is fetched during Mode 0 interrupt acknowledge. (Reference Figure 36.) Figure 36. INT0 Mode 0 Timing Diagram INT0 Mode 1 When INT0 is received, the PC is stacked and instruction execution restarts at logical address 0038H. Both IEF1 and IEF2 flags are reset to 0, Note: Phi A0 –A19 WR RD MREQ D0 –D7 M1 IORQ T1 T3 Ti Ti TW T2 T1 T2 T3 T1 T2 T3 TW PC is pushed onto stack RST instruction execution INT0 acknowledge cycle Last MC PC SP-1 SP-2 PCH PCL RST instruction MC: Machine Cycle *Two Wait States are automatically inserted * * INT0 |