công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F012APB020SC bảng dữ liệu(PDF) 44 Page - Zilog, Inc.

tên linh kiện Z8F012APB020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F012APB020SC bảng dữ liệu(HTML) 44 Page - Zilog, Inc.

Back Button Z8F012APB020SC Datasheet HTML 40Page - Zilog, Inc. Z8F012APB020SC Datasheet HTML 41Page - Zilog, Inc. Z8F012APB020SC Datasheet HTML 42Page - Zilog, Inc. Z8F012APB020SC Datasheet HTML 43Page - Zilog, Inc. Z8F012APB020SC Datasheet HTML 44Page - Zilog, Inc. Z8F012APB020SC Datasheet HTML 45Page - Zilog, Inc. Z8F012APB020SC Datasheet HTML 46Page - Zilog, Inc. Z8F012APB020SC Datasheet HTML 47Page - Zilog, Inc. Z8F012APB020SC Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 276 page
background image
PS022815-0206
Reset, STOP Mode Recovery and Low Voltage Detection
Z8 Encore! XP® 4K Series
Product Specification
25
and as long as four. A reset pulse three clock cycles in duration might trigger a reset; a
pulse four cycles in duration always triggers a reset.
While the RESET input pin is asserted Low, the Z8 Encore! XP® 4K Series devices
remain in the Reset state. If the RESET pin is held Low beyond the System Reset time-
out, the device exits the Reset state on the system clock rising edge following RESET pin
deassertion. Following a System Reset initiated by the external RESET pin, the EXT sta-
tus bit in the Reset Status (RSTSTAT) register is set to 1.
External Reset Indicator
During System Reset or when enabled by the GPIO logic (see See Port A–D Control Reg-
isters on page 42.), the RESET pin functions as an open-drain (active low) reset mode
indicator in addition to the input functionality. This reset output feature allows an Z8
Encore! XP® 4K Series device to reset other components to which it is connected, even if
that reset is caused by internal sources such as POR, VBO or WDT events.
After an internal reset event occurs, the internal circuitry begins driving the RESET pin
Low. The RESET pin is held Low by the internal circuitry until the appropriate delay
listed in Table 9 has elapsed.
On-Chip Debugger Initiated Reset
A Power-On Reset can be initiated using the On-Chip Debugger by setting the RST bit in
the OCD Control register. The On-Chip Debugger block is not reset but the rest of the chip
goes through a normal system reset. The RST bit automatically clears during the system
reset. Following the system reset the POR bit in the WDT Control register is set.
STOP Mode Recovery
STOP mode is entered by execution of a STOP instruction by the eZ8 CPU. Refer to the
chapter Low-Power Modes on page 29 for detailed STOP mode information. During
STOP Mode Recovery, the CPU is held in reset for 66 IPO cycles if the crystal oscillator is
disabled or 5000 cycles if it is enabled. The SMR delay (see Table 134 on page 219)
TSMR, also includes the time required to start up the IPO.
STOP Mode Recovery does not affect onchip registers other than the Watchdog Timer
Control register (WDTCTL) and the Oscillator Control register (OSCCTL). After any
STOP Mode Recovery, the IPO is enabled and selected as the system clock. If another sys-
tem clock source is required, the STOP Mode Recovery code must reconfigure the oscilla-
tor control block such that the correct system clock source is enabled and selected.
The eZ8 CPU fetches the Reset vector at Program Memory addresses 0002H and 0003H
and loads that value into the Program Counter. Program execution begins at the Reset vec-
tor address. Following STOP Mode Recovery, the STOP bit in the Reset Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More