| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASL2500SHN bảng dữ liệu(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ASL2500SHN bảng dữ liệu(HTML) 24 Page - NXP Semiconductors |
|
24 / 39 page ![]() ASL2500SHN All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2017. All rights reserved. Product data sheet Rev. 3 — 26 October 2017 24 of 39 NXP Semiconductors ASL2500SHN Two phase boost converter During the SPI data transfer, the identifier byte and the actual content of the addressed registers is returned via the SDO pin. The same happens for pure read accesses. Here the read-only bit must be set to 1. The content of the data bytes that are transmitted to the ASL2500SHN is ignored. The ASL2500SHN monitors the number of data bits that are transmitted. If the number is not 16, or a multiple of 16, then a write access is ignored and the SPI error indication bit is set. 8.11.2 Typical use case illustration (Write/Read) Consider a daisy chain scheme with one master connected to 4 slaves in Daisy chain fashion. The following commands are performed during one sequence (first sequence). • Write data 0xFF to register 0x1A Slave 1 • Read from register 0x02 of Slave 2 • Write data 0xAF to register 0x2F of Slave 3 • Read from register 0x44 of Slave 4 Fig 11. Physical parallel slave connection aaa-018176 µC SDI MOSI CSB1 SCLK SOMI SDO ASL2500SHN ASLxxxxSHN ASLxxxxSHN SDO SDO SCLK SDI SCLK SDI SCLK CSB2 CSB3 CSB CSB CSB |