công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS2127/T&R bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products

tên linh kiện DS2127/T&R
Giải thích chi tiết về linh kiện  Ultra3 LVD/SE SCSI 14-Line Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2127/T&R bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products

  DS2127/T&R Datasheet HTML 1Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 2Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 3Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 4Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 5Page - Maxim Integrated Products DS2127/T&R Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ultra3 LVD/SE SCSI 14-Line Terminator
_____________________________________________________________________
3
Note 1: All voltages are referenced to ground.
Note 2: Guaranteed by design and not production tested.
Note 3: Room temperature only.
ELECTRICAL CHARACTERISTICS (continued)
(TPWR = VTPWR(MIN) to VTPWR(MAX), TA = 0°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VREF REGULATOR
1.25V Regulator Line Regulation
VREF unloaded; vary TPWR from
2.7V to 5.5V
1.0
2.5
%
2.85V Regulator
2.7
2.85
3.0
V
2.85V Regulator Short-Circuit
Source Current
VREF = 0V
-375
-700
-1000
mA
2.85V Regulator Short-Circuit
Sink Current
VREF = 3.3V
170
300
700
mA
2.85V Regulator Line Regulation
VREF unloaded; vary TPWR from
2.7V to 5.5V
1.0
2.5
%
DIFFSENS OUTPUT
DIFFSENS Driver Output Voltage
VDSO
-5mA
≤ IDIFFSENS ≤ 50µA
1.2
1.4
V
DIFFSENS Driver Source Current
IDSH
VDIFFSENS = 0V
-15
-5
mA
DIFFSENS Driver Sink Current
IDSL
VDIFFSENS = 2.75V
100
200
µA
ILEAK,
LOW
With ISO high, |VDIFFSENS| = 0.3V
-3
+1
DIFFSENS Leakage (Note 3)
ILEAK,
HIGH
With ISO high, |VDIFFSENS - VTPWR| = 0.3V
1
3
µA
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
For increasing temperature
130
°C
Thermal-Shutdown Hysteresis
10
°C
MODE CHANGE DELAY/FILTER
Mode Change Delay
tDELAY
0.66
1.25
2.00
ms
LOGICAL SIGNALS (ISO)
Input Low Voltage
VIL
-0.3
+0.8
V
Input High Voltage
VIH
2.0
TPWR + 0.3
V
Input Current
IIL
VCC = 3.3V
-30
-10
µA
STATUS BITS (LVD, SE)
Source Current
IOH
VCC = 3.3V, VLOAD = 2.4V
-4
-6
mA
Sink Current
IOL
VCC = 3.3V, VLOAD = 0.4V
2
5
mA
DIFF_CAP
Input Current
IL
VIL = -0.3V
-1
+1
µA
DIFF_CAP SE Operating Range
VSEOR
-0.3
+0.5
V
DIFF_CAP LVD Operating Range
VLVDOR
0.7
1.9
V
DIFF_CAP HVD Operating Range
VHVDOR
2.4
VTPWR + 0.3
V



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com