công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB5906CT-I/KD bảng dữ liệu(PDF) 59 Page - Microchip Technology

tên linh kiện USB5906CT-I/KD
Giải thích chi tiết về linh kiện  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5906CT-I/KD bảng dữ liệu(HTML) 59 Page - Microchip Technology

Back Button USB5906CT-I/KD Datasheet HTML 55Page - Microchip Technology USB5906CT-I/KD Datasheet HTML 56Page - Microchip Technology USB5906CT-I/KD Datasheet HTML 57Page - Microchip Technology USB5906CT-I/KD Datasheet HTML 58Page - Microchip Technology USB5906CT-I/KD Datasheet HTML 59Page - Microchip Technology USB5906CT-I/KD Datasheet HTML 60Page - Microchip Technology USB5906CT-I/KD Datasheet HTML 61Page - Microchip Technology USB5906CT-I/KD Datasheet HTML 62Page - Microchip Technology USB5906CT-I/KD Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
2016-2021 Microchip Technology Inc.
DS00002242E-page 61
USB5906
APPENDIX A: REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002242E (07-06-21)
Title on cover
• Updated title by adding “SmartHubTM IC”
Figure 8-1, Figure 8-2, Figure 8-3
• Updated figures
• Updated USB 3.1 to USB 3.2 throughout
the document.
Table 10-3
• Updated Power Numbers: Reset, No
VBUS and Global Suspend
Cover
• Added new Highlight bullet/sub-bullets
regarding USB-IF ECN support (Revision
C or newer only).
• Added sub-bullet under PHYBoost: “USB
2.0 Hi-Speed disconnect threshold adjust
(Revision C or newer only)”
Section 1.2, Reference Documents
Updated USB specification reference.
Section 3.0, Pin Descriptions
• Removed GPIO10 and GPIO72 from pins
21 and 22. Replaced with NC (No Con-
nect).
• Removed GPIO16 from pin 24.
Section 9.0, Compliance Update
Added new compliance update section.
Section 10.1, Absolute Maximum Rat-
ings*
Updated HBM ESD Performance to 2.5 kV
Product Identification System
• Added “C” to part number ordering codes/
examples.
• Added note 2: Devices prior to silicon
revision C do not include upgrades
described in Chapter 9: Compliance
Updates.
• Added direction of unreeling diagram
Section 8.7.2.1, Enabling Port Split-
ting, Table 8-7
• Updated procedure with additional step to
set the global Port Split enable bit in the
Global Port Split Enable Register.
• Added Global Port Split Enable Register
definition.
DS00002242D (05-11-18)
Table 3-6
Added pull-down (PD) to buffer type of
C_AT-
TACH[0:2], AB0, CC_POL, ALT_MUX_EN,
ATTACH_MUX0A, ATTACH_MUX0B pins.
Table 3-6
Corrected the
AB0 0 and 1 state descriptions.
Section 3.2, Pin Symbols, Figure 3-1,
Table 3-2
Corrected downstream port numbering.
Section 8.7.2.1, Enabling Port Split-
ting
Updated section and added
USB3_PORT_SPLIT_EN register information.
DS00002242C (08-18-17)
Figure 11-1, Figure 11-2, Figure 11-3 Updated package drawings.
Cover, Section 2.1, General Descrip-
tion, Section 8.0, Functional Descrip-
tions
Removed references to FlexConnect.
Section 3.2, Pin Symbols, Figure 3-1,
Table 3-4
Removed references to FLEX_CMD and
FLEX_STATE pins.
Section 3.2, Pin Symbols, Figure 3-1,
Table 3-4
Removed references to PRT_CTL0 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com