| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB5906C/KD bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5906C/KD bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 64 page ![]() USB5906 DS00002242E-page 11 2016-2021 Microchip Technology Inc. USB 3.1 Gen 1 Upstream A D- RX USB3UP_RXDMA I/O-U Upstream USB Type-C “Orientation A” USB 3.1 Gen 1 Receive Data Minus USB 3.1 Gen 1 Upstream B D+ TX USB3UP_TXDPB I/O-U Upstream USB Type-C “Orientation B” USB 3.1 Gen 1 Transmit Data Plus USB 3.1 Gen 1 Upstream B D- TX USB3UP_TXDMB I/O-U Upstream USB Type-C “Orientation B” USB 3.1 Gen 1 Transmit Data Minus USB 3.1 Gen 1 Upstream B D+ RX USB3UP_RXDPB I/O-U Upstream USB Type-C “Orientation B” USB 3.1 Gen 1 Receive Data Plus USB 3.1 Gen 1 Upstream B D- RX USB3UP_RXDMB I/O-U Upstream USB Type-C “Orientation B” USB 3.1 Gen 1 Receive Data Minus USB 3.2 Gen 1 Ports 6-1 D+ TX USB3DN_TXDP[6:1] I/O-U Downstream Super Speed Transmit Data Plus, ports 6 through 1. USB 3.2 Gen 1 Ports 6-1 D- TX USB3DN_TXDM[6:1] I/O-U Downstream Super Speed Transmit Data Minus, ports 6 through 1. USB 3.2 Gen 1 Ports 6-1 D+ RX USB3DN_RXDP[6:1] I/O-U Downstream Super Speed Receive Data Plus, ports 6 through 1. USB 3.2 Gen 1 Ports 6-1 D- RX USB3DN_RXDM[6:1] I/O-U Downstream Super Speed Receive Data Minus, ports 6 through 1. TABLE 3-3: USB 2.0 PIN DESCRIPTIONS Name Symbol Buffer Type Description USB 2.0 Upstream D+ USB2UP_DP I/O-U Upstream USB 2.0 Data Plus (D+) USB 2.0 Upstream D- USB2UP_DM I/O-U Upstream USB 2.0 Data Minus (D-) USB 2.0 Ports 6 D+ USB2DN_DP[6:1] I/O-U Downstream USB 2.0 Ports 6-1 Data Plus (D+) USB 2.0 Ports 6 D- USB2DN_DM[6:1] I/O-U Downstream USB 2.0 Ports 6-1 Data Minus (D-) TABLE 3-2: USB 3.2 GEN 1 PIN DESCRIPTIONS (CONTINUED) Name Symbol Buffer Type Description |