| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCIMX6DP7CYM2AB bảng dữ liệu(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP7CYM2AB bảng dữ liệu(HTML) 64 Page - NXP Semiconductors |
|
64 / 160 page ![]() i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 64 NXP Semiconductors Electrical Characteristics Figure 25. Read Data Latch Cycle Timing Diagram (Non-EDO Mode) Figure 26. Read Data Latch Cycle Timing Diagram (EDO Mode) Table 40. Asynchronous Mode Timing Parameters1 ID Parameter Symbol Timing T = GPMI Clock Cycle Unit Min Max NF1 NAND_CLE setup time tCLS (AS + DS) × T - 0.12 [see 2,3]ns NF2 NAND_CLE hold time tCLH DH × T - 0.72 [see 2]ns NF3 NAND_CEx_B setup time tCS (AS + DS + 1) × T [see 3,2]ns NF4 NAND_CEx_B hold time tCH (DH+1) × T - 1 [see 2]ns NF5 NAND_WE_B pulse width tWP DS × T [see 2]ns NF6 NAND_ALE setup time tALS (AS + DS) × T - 0.49 [see 3,2]ns NF7 NAND_ALE hold time tALH (DH × T - 0.42 [see 2]ns NF8 Data setup time tDS DS × T - 0.26 [see 2]ns NF9 Data hold time tDH DH × T - 1.37 [see 2]ns NF10 Write cycle time tWC (DS + DH) × T [see 2]ns NF11 NAND_WE_B hold time tWH DH × T [see 2]ns NF12 Ready to NAND_RE_B low tRR4 (AS + 2) × T [see 3,2]— ns NF13 NAND_RE_B pulse width tRP DS × T [see 2]ns NF14 READ cycle time tRC (DS + DH) × T [see 2]ns NF15 NAND_RE_B high hold time tREH DH × T [see 2]ns Data from NF NF14 NF15 NF17 NF16 NF12 NF13 Data from NF NF14 NF15 NF17 NF16 NF12 NF13 NAND_DATAxx |