công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCIMX6DP4AYM1AB bảng dữ liệu(PDF) 49 Page - NXP Semiconductors

tên linh kiện SCIMX6DP4AYM1AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AYM1AB bảng dữ liệu(HTML) 49 Page - NXP Semiconductors

Back Button SCIMX6DP4AYM1AB Datasheet HTML 45Page - NXP Semiconductors SCIMX6DP4AYM1AB Datasheet HTML 46Page - NXP Semiconductors SCIMX6DP4AYM1AB Datasheet HTML 47Page - NXP Semiconductors SCIMX6DP4AYM1AB Datasheet HTML 48Page - NXP Semiconductors SCIMX6DP4AYM1AB Datasheet HTML 49Page - NXP Semiconductors SCIMX6DP4AYM1AB Datasheet HTML 50Page - NXP Semiconductors SCIMX6DP4AYM1AB Datasheet HTML 51Page - NXP Semiconductors SCIMX6DP4AYM1AB Datasheet HTML 52Page - NXP Semiconductors SCIMX6DP4AYM1AB Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 168 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018
NXP Semiconductors
49
4.8
Output Buffer Impedance Parameters
This section defines the I/O impedance parameters of the i.MX 6DualPlus/6QuadPlus processors for the
following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate I/O (DDR) for LPDDR2, and DDR3 modes
•LVDS I/O
•MLB I/O
NOTE
GPIO and DDR I/O output driver impedance is measured with “long”
transmission line of impedance Ztl attached to I/O pad and incident wave
launched into transmission line. Rpu/Rpd and Ztl form a voltage divider that
defines specific voltage of incident wave relative to OVDD. Output driver
impedance is calculated from this voltage divider (see Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More