công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCIMX6DP6AVT1AB bảng dữ liệu(PDF) 63 Page - NXP Semiconductors

tên linh kiện SCIMX6DP6AVT1AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6AVT1AB bảng dữ liệu(HTML) 63 Page - NXP Semiconductors

Back Button SCIMX6DP6AVT1AB Datasheet HTML 59Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 60Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 61Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 62Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 63Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 64Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 65Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 66Page - NXP Semiconductors SCIMX6DP6AVT1AB Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 160 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
NXP Semiconductors
63
4.11.1
Asynchronous Mode AC Timing (ONFI 1.0 Compatible)
Asynchronous mode AC timings are provided as multiplications of the clock cycle and fixed delay. The
Maximum I/O speed of GPMI in Asynchronous mode is about 50 MB/s. Figure 22 through Figure 25
depict the relative timing between GPMI signals at the module level for different operations under
Asynchronous mode. Table 40 describes the timing parameters (NF1–NF17) that are shown in the figures.
Figure 22. Command Latch Cycle Timing Diagram
Figure 23. Address Latch Cycle Timing Diagram
Figure 24. Write Data Latch Cycle Timing Diagram
Command
NF8
NF9
NF7
NF6
NF5
NF2
NF1
NF3
NF4
Address
NF10
NF11
NF9
NF8
NF7
NF6
NF5
NF1
NF3
NAND_DATAxx
Data to NF
NF10
NF11
NF7
NF6
NF5
NF1
NF3
NF9
NF8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More