công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCIMX6DP4EYM8AB bảng dữ liệu(PDF) 128 Page - NXP Semiconductors

tên linh kiện SCIMX6DP4EYM8AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4EYM8AB bảng dữ liệu(HTML) 128 Page - NXP Semiconductors

Back Button SCIMX6DP4EYM8AB Datasheet HTML 124Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 125Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 126Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 127Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 128Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 129Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 130Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 131Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 160 page
background image
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
128
NXP Semiconductors
Electrical Characteristics
4.12.20.2 UART RS-232 Serial Mode Timing
The following sections describe the electrical information of the UART module in the RS-232 mode.
4.12.20.2.1 UART Transmitter
Figure 90 depicts the transmit timing of UART in the RS-232 serial mode, with 8 data bit/1 stop bit
format. Table 78 lists the UART RS-232 serial mode transmit timing characteristics.
Figure 90. UART RS-232 Serial Mode Transmit Timing Diagram
4.12.20.2.2
UART Receiver
Figure 91 depicts the RS-232 serial mode receive timing with 8 data bit/1 stop bit format. Table 79 lists
serial mode receive timing characteristics.
Figure 91. UART RS-232 Serial Mode Receive Timing Diagram
Table 78. RS-232 Serial Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
UA1
Transmit Bit Time
tTbit
1/Fbaud_rate
1 – T
ref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate + Tref_clk
—
Table 79. RS-232 Serial Mode Receive Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
UA2
Receive Bit Time1
1 The UART receiver can tolerate 1/(16 × Fbaud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16
× Fbaud_rate).
tRbit
1/Fbaud_rate
2 –
1/(16
× Fbaud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
1/Fbaud_rate +
1/(16
× Fbaud_rate)
—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
UARTx_TX_DATA
(output)
Bit 3
Start
Bit
STOP
BIT
NEXT
START
BIT
POSSIBLE
PARITY
BIT
Par Bit
UA1
UA1
UA1
UA1
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
UARTx_RX_DATA
(input)
Bit 3
Start
Bit
STOP
BIT
NEXT
START
BIT
POSSIBLE
PARITY
BIT
Par Bit
UA2
UA2
UA2
UA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com