công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCIMX6DP4EYM8AB bảng dữ liệu(PDF) 12 Page - NXP Semiconductors

tên linh kiện SCIMX6DP4EYM8AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4EYM8AB bảng dữ liệu(HTML) 12 Page - NXP Semiconductors

Back Button SCIMX6DP4EYM8AB Datasheet HTML 8Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 9Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 10Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 11Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 12Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 13Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 14Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 15Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 160 page
background image
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
12
NXP Semiconductors
Modules List
GPU3Dv6
Graphics Processing
Unit-3D, ver. 6
Multimedia
Peripherals
The GPU2Dv6 provides hardware acceleration for 3D graphics algorithms
with sufficient processor power to run desktop quality interactive graphics
applications on displays up to HD1080 resolution. The GPU3D provides
OpenGL ES 3.0, including extensions, OpenGL ES 2.0, OpenGL ES 1.1,
and OpenVG 1.1
GPUVGv2
Vector Graphics
Processing Unit,
ver. 2
Multimedia
Peripherals
OpenVG graphics accelerator provides OpenVG 1.1 support as well as
other accelerations, including Real-time hardware curve tesselation of
lines, quadratic and cubic Bezier curves, 16x Line Anti-aliasing, and
various Vector Drawing functions.
HDMI Tx
HDMI Tx interface
Multimedia
Peripherals
The HDMI module provides HDMI standard interface port to an HDMI 1.4
compliant display.
HSI
MIPI HSI interface
Connectivity
Peripherals
The MIPI HSI provides a standard MIPI interface to the applications
processor.
I2C-1
I2C-2
I2C-3
I2C Interface
Connectivity
Peripherals
I2C provide serial interface for external devices. Data rates of up to 400
kbps are supported.
IOMUXC
IOMUX Control
System
Control
Peripherals
This module enables flexible IO multiplexing. Each IO pad has default and
several alternate functions. The alternate functions are software
configurable.
IPUv3H-1
IPUv3H-2
Image Processing
Unit, ver. 3H
Multimedia
Peripherals
IPUv3H enables connectivity to displays and video sources, relevant
processing and synchronization and control capabilities, allowing
autonomous operation.
The IPUv3H supports concurrent output to two display ports and
concurrent input from two camera ports, through the following interfaces:
• Parallel Interfaces for both display and camera
• Single/dual channel LVDS display interface
• HDMI transmitter
• MIPI/DSI transmitter
• MIPI/CSI-2 receiver
The processing includes:
• Image conversions: resizing, rotation, inversion, and color space
conversion
• A high-quality de-interlacing filter
• Video/graphics combining
• Image enhancement: color adjustment and gamut mapping, gamma
correction, and contrast enhancement
• Support for display backlight reduction
KPP
Key Pad Port
Connectivity
Peripherals
KPP Supports 8 x 8 external key pad matrix. KPP features are:
• Open drain design
• Glitch suppression circuit design
• Multiple keys detection
• Standby key press detection
Table 2. i.MX 6DualPlus/6QuadPlus Modules List (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com