công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCIMX6DP6AVT8AB bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện SCIMX6DP6AVT8AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6AVT8AB bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  SCIMX6DP6AVT8AB Datasheet HTML 1Page - NXP Semiconductors SCIMX6DP6AVT8AB Datasheet HTML 2Page - NXP Semiconductors SCIMX6DP6AVT8AB Datasheet HTML 3Page - NXP Semiconductors SCIMX6DP6AVT8AB Datasheet HTML 4Page - NXP Semiconductors SCIMX6DP6AVT8AB Datasheet HTML 5Page - NXP Semiconductors SCIMX6DP6AVT8AB Datasheet HTML 6Page - NXP Semiconductors SCIMX6DP6AVT8AB Datasheet HTML 7Page - NXP Semiconductors SCIMX6DP6AVT8AB Datasheet HTML 8Page - NXP Semiconductors SCIMX6DP6AVT8AB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX6DQPIEC
Rev. 3, 11/2018
Package Information
FCPBGA Package
21 x 21 mm, 0.8 mm pitch
NXP Reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.
Ordering Information
See Table 1
MCIMX6QPxCxxxxA
MCIMX6QPxCxxxxB
MCIMX6DPxCxxxxA
MCIMX6DPxCxxxxB
1
Introduction
The i.MX 6DualPlus/6QuadPlus processors offer the
highest levels of graphics processing performance in the
i.MX 6 series family and are ideally suited for graphics
intensive applications.
The i.MX 6DualPlus/6QuadPlus processors feature
advanced implementation of the quad
Arm® Cortex®-A9 core, which operates at speeds up to
800 MHz. They include updated versions of the 2D and
3D graphics processors, 1080p video processing, and
integrated power management. Each processor provides
a 64-bit DDR3/DDR3L/LPDDR2-800 memory interface
and a number of other interfaces for connecting
peripherals, such as WLAN, Bluetooth®, GPS, hard
drive, displays, and camera sensors.
The i.MX 6DualPlus/6QuadPlus processors are
specifically useful for applications such as the
following:
•
Graphics rendering for Human Machine
Interfaces (HMI)
•
Video processing and display
i.MX 6DualPlus/6QuadPlus
Applications Processors
Industrial Products
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.3
Signal Naming Convention . . . . . . . . . . . . . . . . . . . 7
2
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.1
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3.1
Special Signal Considerations. . . . . . . . . . . . . . . . 19
3.2
Recommended Connections for Unused Analog
Interfaces. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
4
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . 20
4.1
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . . 20
4.2
Power Supplies Requirements and Restrictions . . 33
4.3
Integrated LDO Voltage Regulator Parameters . . 34
4.4
PLL Electrical Characteristics . . . . . . . . . . . . . . . . 36
4.5
On-Chip Oscillators . . . . . . . . . . . . . . . . . . . . . . . . 37
4.6
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 38
4.7
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 44
4.8
Output Buffer Impedance Parameters. . . . . . . . . . 49
4.9
System Modules Timing . . . . . . . . . . . . . . . . . . . . 53
4.10 Multi-Mode DDR Controller (MMDC). . . . . . . . . . . 64
4.11 General-Purpose Media Interface (GPMI) Timing. 64
4.12 External Peripheral Interface Parameters . . . . . . . 73
5
Boot Mode Configuration . . . . . . . . . . . . . . . . . . . . . . . 138
5.1
Boot Mode Configuration Pins. . . . . . . . . . . . . . . 138
5.2
Boot Devices Interfaces Allocation . . . . . . . . . . . 139
6
Package Information and Contact Assignments . . . . . . 141
6.1
Signal Naming Convention . . . . . . . . . . . . . . . . . 141
6.2
21 x 21 mm Package Information . . . . . . . . . . . . 141
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164


Số phần tương tự - SCIMX6DP6AVT8AB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SCIMX6DP6AVT8AB NXP-SCIMX6DP6AVT8AB Datasheet
3Mb / 166P
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
Rev. 3, 11/2018
SCIMX6DP6AVT8AB NXP-SCIMX6DP6AVT8AB Datasheet
3Mb / 168P
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
More results

Mô tả tương tự - SCIMX6DP6AVT8AB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCIMX6DP5EYM1AA NXP-MCIMX6DP5EYM1AA Datasheet
1Mb / 168P
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
Rev. 1, 03/2016
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
IMXRT1064IEC NXP-IMXRT1064IEC Datasheet
1Mb / 113P
i.MX RT1064 Crossover Processors for Industrial Products
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6DQPAEC NXP-IMX6DQPAEC Datasheet
3Mb / 166P
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
Rev. 3, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX6DQPCEC NXP-IMX6DQPCEC Datasheet
3Mb / 168P
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC_V01 Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 3, 08/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More