| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCIMX6DP4AVT2AA bảng dữ liệu(PDF) 63 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP4AVT2AA bảng dữ liệu(HTML) 63 Page - NXP Semiconductors |
|
63 / 160 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 NXP Semiconductors 63 4.11.1 Asynchronous Mode AC Timing (ONFI 1.0 Compatible) Asynchronous mode AC timings are provided as multiplications of the clock cycle and fixed delay. The Maximum I/O speed of GPMI in Asynchronous mode is about 50 MB/s. Figure 22 through Figure 25 depict the relative timing between GPMI signals at the module level for different operations under Asynchronous mode. Table 40 describes the timing parameters (NF1–NF17) that are shown in the figures. Figure 22. Command Latch Cycle Timing Diagram Figure 23. Address Latch Cycle Timing Diagram Figure 24. Write Data Latch Cycle Timing Diagram Command NF8 NF9 NF7 NF6 NF5 NF2 NF1 NF3 NF4 Address NF10 NF11 NF9 NF8 NF7 NF6 NF5 NF1 NF3 NAND_DATAxx Data to NF NF10 NF11 NF7 NF6 NF5 NF1 NF3 NF9 NF8 |