| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DTC114ESA bảng dữ liệu(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
DTC114ESA bảng dữ liệu(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
1 / 15 page ![]() Digital Transistors (Built-in Resistors) DTC114EM/DTC114EE/DTC1 DTC114EKA /DTC114ECA/DTC114ESA ·Equivalent Circuit DIGITAL TRANSISTOR (NPN) FEATURES Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors(see equivalent circuit) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input.They also have the advantage of almost completely eliminating parasitic effects Only the on/off conditions need to be set for operation, making device design easy PIN CONNENCTIONS and MARKING DTC114EM SOT-723 1. IN 2. GND 3. OUT DTC114EE SOT-523 1. IN 2. GND 3. OUT DTC114EUA SOT-323 1. IN 2. GND 3. OUT DTC114EKA SOT-23-3L 1. IN 2. GND 3. OUT DTC114ECA SOT-23 1. IN 2. GND 3. OUT DTC114ESA TO-92S 1. GND 2. OUT 3. IN 1 2 3 1 2 3 1 2 3 1 3 2 1 2 3 1 3 2 14EUA Rev : www.leiditech.com 01.06.2018 1/15 |
Số phần tương tự - DTC114ESA |
|
Mô tả tương tự - DTC114ESA |