| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCIMX6DP4CVT2AB bảng dữ liệu(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX6DP4CVT2AB bảng dữ liệu(HTML) 47 Page - NXP Semiconductors |
|
47 / 160 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 NXP Semiconductors 47 4.8 Output Buffer Impedance Parameters This section defines the I/O impedance parameters of the i.MX 6DualPlus/6QuadPlus processors for the following I/O types: • General Purpose I/O (GPIO) • Double Data Rate I/O (DDR) for LPDDR2, and DDR3 modes •LVDS I/O NOTE GPIO and DDR I/O output driver impedance is measured with “long” transmission line of impedance Ztl attached to I/O pad and incident wave launched into transmission line. Rpu/Rpd and Ztl form a voltage divider that defines specific voltage of incident wave relative to OVDD. Output driver impedance is calculated from this voltage divider (see Figure 7). |