công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCIMX6QP6EVT2AB bảng dữ liệu(PDF) 65 Page - NXP Semiconductors

tên linh kiện PCIMX6QP6EVT2AB
Giải thích chi tiết về linh kiện  i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCIMX6QP6EVT2AB bảng dữ liệu(HTML) 65 Page - NXP Semiconductors

Back Button PCIMX6QP6EVT2AB Datasheet HTML 61Page - NXP Semiconductors PCIMX6QP6EVT2AB Datasheet HTML 62Page - NXP Semiconductors PCIMX6QP6EVT2AB Datasheet HTML 63Page - NXP Semiconductors PCIMX6QP6EVT2AB Datasheet HTML 64Page - NXP Semiconductors PCIMX6QP6EVT2AB Datasheet HTML 65Page - NXP Semiconductors PCIMX6QP6EVT2AB Datasheet HTML 66Page - NXP Semiconductors PCIMX6QP6EVT2AB Datasheet HTML 67Page - NXP Semiconductors PCIMX6QP6EVT2AB Datasheet HTML 68Page - NXP Semiconductors PCIMX6QP6EVT2AB Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018
NXP Semiconductors
65
4.11.1
Asynchronous Mode AC Timing (ONFI 1.0 Compatible)
Asynchronous mode AC timings are provided as multiplications of the clock cycle and fixed delay. The
Maximum I/O speed of GPMI in Asynchronous mode is about 50 MB/s. Figure 24 through Figure 27
depict the relative timing between GPMI signals at the module level for different operations under
Asynchronous mode. Table 44 describes the timing parameters (NF1–NF17) that are shown in the figures.
Figure 24. Command Latch Cycle Timing Diagram
Figure 25. Address Latch Cycle Timing Diagram
Figure 26. Write Data Latch Cycle Timing Diagram
Command
NF8
NF9
NF7
NF6
NF5
NF2
NF1
NF3
NF4
Address
NF10
NF11
NF9
NF8
NF7
NF6
NF5
NF1
NF3
NAND_DATAxx
Data to NF
NF10
NF11
NF7
NF6
NF5
NF1
NF3
NF9
NF8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More