| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX6DP4CVT8AB bảng dữ liệu(PDF) 87 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6DP4CVT8AB bảng dữ liệu(HTML) 87 Page - NXP Semiconductors |
|
87 / 160 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 NXP Semiconductors 87 Power-up time for the HDMI 3D Tx PHY while operating with the fastest input reference clock supported (340 MHz) is 133 μs. 4.12.7.2 Electrical Characteristics The table below provides electrical characteristics for the HDMI 3D Tx PHY. The following three figures illustrate various definitions and measurement conditions specified in the table below. Figure 48. Driver Measuring Conditions Figure 49. Driver Definitions Figure 50. Source Termination Table 55. Electrical Characteristics Symbol Parameter Condition Min Typ Max Unit Operating conditions for HDMI avddtmds Termination supply voltage — 3.15 3.3 3.45 V |