| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX6DP6EVT2AA bảng dữ liệu(PDF) 98 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6DP6EVT2AA bảng dữ liệu(HTML) 98 Page - NXP Semiconductors |
|
98 / 160 page ![]() i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 98 NXP Semiconductors Electrical Characteristics NOTE Table 60 provides information for both the DISP0 and DISP1 ports. However, DISP1 port has reduced pinout depending on IOMUXC configuration and therefore may not support all configurations. See the IOMUXC table for details. 4.12.10.5 IPU Display Interface Timing The IPU Display Interface supports two kinds of display accesses: synchronous and asynchronous. There are two groups of external interface pins to provide synchronous and asynchronous controls. 4.12.10.5.1 Synchronous Controls The synchronous control changes its value as a function of a system or of an external clock. This control has a permanent period and a permanent waveform. IPUx_DIx_PIN04 — Additional frame/row synchronous signals with programmable timing IPUx_DIx_PIN05 — IPUx_DIx_PIN06 — IPUx_DIx_PIN07 — IPUx_DIx_PIN08 — IPUx_DIx_D0_CS — — IPUx_DIx_D1_CS — Alternate mode of PWM output for contrast or brightness control IPUx_DIx_PIN11 — — IPUx_DIx_PIN12 — — IPUx_DIx_PIN13 — Register select signal IPUx_DIx_PIN14 — Optional RS2 IPUx_DIx_PIN15 DRDY/DV Data validation/blank, data enable IPUx_DIx_PIN16 — Additional data synchronous signals with programmable features/timing IPUx_DIx_PIN17 Q 1 Signal mapping (both data and control/synchronization) is flexible. The table provides examples. 2 Restrictions for ports IPUx_DISPx_DAT00 through IPUx_DISPx_DAT23 are as follows: • A maximum of three continuous groups of bits can be independently mapped to the external bus. Groups must not overlap. • The bit order is expressed in each of the bit groups, for example, B[0] = least significant blue pixel bit. 3 This mode works in compliance with recommendation ITU-R BT.656. The timing reference signals (frame start, frame end, line start, and line end) are embedded in the 8-bit data bus. Only video data is supported, transmission of non-video related data during blanking intervals is not supported. Table 60. Video Signal Cross-Reference (continued) i.MX 6DualPlus/6QuadPlus LCD Comment1,2 Port Name (x = 0, 1) RGB, Signal Name (General) RGB/TV Signal Allocation (Example) 16-bit RGB 18-bit RGB 24 Bit RGB 8-bit YCrCb3 16-bit YCrCb 20-bit YCrCb |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |