công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  8-Bit HCS08 Central Processor Unit (CPU)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 17Page - NXP Semiconductors 98ASH70029A Datasheet HTML 18Page - NXP Semiconductors 98ASH70029A Datasheet HTML 19Page - NXP Semiconductors 98ASH70029A Datasheet HTML 20Page - NXP Semiconductors 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Electrical Characteristics
MC9S08SV16 Series Data Sheet, Rev. 2
Freescale Semiconductor
21
5.8
External Oscillator (XOSC) and ICS Characteristics
Refer to Figure 16 for crystal or resonator circuits.
Table 9. XOSC and ICS Specifications (Temperature Range = –40 to 85
°C Ambient )
Num
C
Characteristic
Symbol
Min
Typical1
1 Data in Typical column was characterized at 5.0 V, 25
°C or is typical recommended value.
Max
Unit
1C
Oscillator crystal or resonator (EREFS = 1, ERCLKEN = 1)
Low range (RANGE = 0)
High range (RANGE = 1) FEE or FBE mode2
High range (RANGE = 1), high gain (HGO = 1), FBELP mode
High range (RANGE = 1), low power (HGO = 0), FBELP mode
flo
fhi
fhi
fhi
32
1
1
1
—
—
—
—
38.4
5
16
8
kHz
MHz
MHz
MHz
2
D Load capacitors
C1
C2
See Note 3
3D
Feedback resistor
Low range (32 kHz to 38.4 kHz)
High range (1 MHz to 16 MHz)
RF
—10
1
—M
Ω
M
Ω
4D
Series resistor — Low range
Low gain (HGO = 0)
High gain (HGO = 1)
RS
—0
100
—k
Ω
5D
Series resistor — High range
Low gain (HGO = 0)
High gain (HGO = 1)
≥ 8 MHz
4 MHz
1 MHz
RS
—
0
0
0
0
10
20
k
Ω
6C
Crystal start-up time 4, 5
Low range, low power
Low range, high power
High range, low power
High range, high power
t
CSTL
t
CSTH
—
200
400
5
15
—
ms
7
T Internal reference start-up time
tIRST
—
60
100
μs
8D
Square wave input clock frequency (EREFS = 0, ERCLKEN = 1)
FEE or FBE mode2
FBELP mode
fextal
0.03125
0
—5
40
MHz
MHz
9
P Average internal reference frequency — trimmed
fint_t
—
31.25
—
kHz
10
P DCO output frequency range —
trimmed
Low range (DRS = 00)
fdco_t
16
—
20
MHz
P
Middle range (DRS = 10)
32
—
40
11
C
Total deviation of DCO output from trimmed frequency4
Over full voltage and temperature range
Over fixed voltage and temperature range of 0 to 70
°C
Δf
dco_t
—
–1.0 to 0.5
±0.5
±2
±1
%fdco
12
C FLL acquisition time4,6
tAcquire
——
1
ms
13
C
Long term jitter of DCO output clock (averaged over 2 ms
interval)7
CJitter
—0.02
0.2
%fdco



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com