công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTC20455PQ-I bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện MTC20455PQ-I
Giải thích chi tiết về linh kiện  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455PQ-I bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button MTC20455PQ-I Datasheet HTML 9Page - STMicroelectronics MTC20455PQ-I Datasheet HTML 10Page - STMicroelectronics MTC20455PQ-I Datasheet HTML 11Page - STMicroelectronics MTC20455PQ-I Datasheet HTML 12Page - STMicroelectronics MTC20455PQ-I Datasheet HTML 13Page - STMicroelectronics MTC20455PQ-I Datasheet HTML 14Page - STMicroelectronics MTC20455PQ-I Datasheet HTML 15Page - STMicroelectronics MTC20455PQ-I Datasheet HTML 16Page - STMicroelectronics MTC20455PQ-I Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
MTC20455
amplitude and a rotation of the signal phase. To compensate for these effects, the FFT is followed by a
Frequency domain equaliser (FEQ) and a Rotor (phase shifter).
In the TX path, the IFFT transforms the DMT symbol generated in the frequency domain by the mapper
into a time domain representation. The IFFT block is preceded by a Fine Tune Gain and a Rotor stage,
allowing for a compensation of the possible frequency mismatch between the master clock frequency and
the transmitter clock frequency (which may be locked to another reference).
The FFT module is a slave DSP engine controlled by the transceiver controller. It works off line and com-
municates with the other blocks via buffers controlled by the DSTU (DMT Symbol Timing Unit)block. The
DSP executes a program stored in a RAM area, a very flexible implementation open for future enhance-
ments.
Figure 5. DMT Modem
DPLL
The Digital PLL module receives a metric for the phase error of the pilot tone. In general, the clock fre-
quencies at the transmitter and receiver do not match exactly. The phase error is filtered and integrated
by a low pass filter, yielding an estimation of the frequency offset. Various processes can use this estimate
to deal with the frequency mismatch. In particular, small accumulated phase errors can be compensated
in the frequency domain by a rotation of the received code constellation (Rotor). Larger errors are com-
pensated in the time domain by inserting or deleting clock cycles in the sample input sequence.
Mapper/Demapper, Monitor, Trellis Coding, FEQ Update
The Demapper converts the constellation points computed by the FFT to a block of bits. This essentially
consists in identifying a point in a 2D QAM constellation plane. The Demapper supports trellis coded de-
modulation and provides a Viterbi maximum likelihood estimator. When the trellis is active, the Demapper
receives an indication for the most likely constellation subset to be used. In the transmit direction, the Map-
per performs the inverse operation, mapping a block of bits into one constellation point (in a complex x+jy
representation) which is passed to the IFFT block. The Trellis Encoder generates redundant bits to im-
prove the robustness of the transmission, using a 4-Dimensional Trellis Coded Modulation scheme.
The Monitor computes error parameters for carriers specified in the Demapper process. Those parame-
ters can be used for updates of adaptive filters coefficients, clock phase adjustments, error detection, etc.
A series of values is constantly monitored, such as signal power, pilot phase deviations, symbol erasures
generation, loss of frame, etc.
Demapper
Rotor
FEQ
FEQ
Coefficients
FEQ
Update
FFT
From
DSP PE
Monitor
Monitor Indications
Trellis
coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com