công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPXV4115V bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MPXV4115V
Giải thích chi tiết về linh kiện  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV4115V bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV4115V Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV4115V Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV4115V Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV4115V Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV4115V Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV4115V Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV4115V Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV4115V Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPXV4115V
Rev 2, 05/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated, and
Calibrated
The MPXV4115V series piezoresistive transducer is a state-of-the-art
monolithic silicon pressure sensor designed for a wide range of applications,
particularly those employing a microcontroller with A/D inputs. This transducer
combines advanced micromachining techniques, thin-film metallization and
bipolar processing to provide an accurate, high-level analog output signal that is
proportional to the applied pressure/vacuum. The small form factor and high
reliability of on-chip integration make the sensor a logical and economical choice
for the automotive system designer. Figure 1 shows a block diagram of the
internal circuitry integrated on a pressure sensor chip.
Features
•
1.5% Maximum error over 0
° to 85°C
•
Temperature Compensated from –40
° + 125°C
•
Ideally Suited for Microprocessor or Microcontroller-Based Systems
•
Durable Thermoplastic (PPS) Surface Mount Package
Typical Applications
•
Vacuum Pump Monitoring
•
Brake Booster Monitoring
The MPXV4115V series pressure sensors are available in the basic element
package or with a pressure port. Two packing options are also offered.
ORDERING INFORMATION
Device Type Case No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPXV4115V SERIES)
Basic
Elements
482
MPXV4115V6U
Rails
MPXV4115V
482
MPXV4115V6T1
Tape & Reel MPXV4115V
Ported
Elements
482A
MPXV4115VC6U
Rails
MPXV4115V
MPXV4115V
SERIES
INTEGRATED
PRESSURE SENSOR
–115 to 0 kPa (–16.7 to 2.2 psi)
0.2 to 4.6 V OUTPUT
SMALL OUTLINE PACKAGE
PIN NUMBER(1)
1. Pins 1, 5, 6, 7, and 8 are internal device
connections. Do not connect to external
circuitry or ground. Pin 1 is noted by the
notch in the lead.
1
N/C
5
N/C
2
VS
6
N/C
3
GND
7
N/C
4
VOUT
8
N/C
MPXV4115V6U/6T1
CASE 482-01
MPXV4115VC6U
CASE 482A-01


Số phần tương tự - MPXV4115V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPXV4115V6U FREESCALE-MPXV4115V6U Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
MPXV4115VC6U FREESCALE-MPXV4115VC6U Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results

Mô tả tương tự - MPXV4115V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4105A FREESCALE-MPX4105A Datasheet
177Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150_10 Datasheet
129Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated
MPX4080D FREESCALE-MPX4080D_09 Datasheet
90Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com