| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM5N1500AP bảng dữ liệu(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM5N1500AP bảng dữ liệu(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
3 / 5 page ![]() A Cap:Lanson’s model+Electrical characteristics +Ampere rating + High-breaking Capacity Symbol +Voltage rating 5N T 5A H 250V B 帽:雷卯标志+认证符号 B Cap:Lanson’s logo + Approved Symbol 6. 外观 Appearance 6.1 外观不应有显著的污点、裂纹。 There shall not be any remarkable stain,rust or crack on the appearances. 6.2 标示应该很容易辨识。 Marking shall be easily legible. 7. 机械特性 Mechanical characteristics 拉力强度试验 Tensile test 将保险丝固定好后,对保险丝两端引线施加 10N 的轴向拉力,持续 1 分钟。试验过后,保险丝 没有任何破损现象。 Exert the axial pulling force of 10N to the both ends of lead wire for 1 minute. After the test the fuse shall be no damage and loosening. 8. 电气特性 Electrical characteristics 8.1 实验条件 Test condition 所有测试环境温度为 25±5℃。 All electrical characteristics tests are conducted at an ambient temperature of 25±5℃. 8.2 分断能力 Interrupting rating test 保险丝能承受的分断能力是 1500A。分断能力测试后测得保险丝的绝缘阻抗值大于 0.1ΜΩ。 The fuse interrupting capacity is 1500A. After interrupting, the insulation resistance between the fuse terminations shall be not less than 0.1ΜΩ. 8.3 时间-电流特性 Time-Current Characteristics 额定电流的% % of ampere rating 熔断时间 Opening time (500mA~3.15A) 熔断时间 Opening time (4A~6.3A) 210% 30 min Max 30 min Max 275% 750 ms~80 s 750 ms~80 s 400% 95 ms~5 s 150 ms~5 s 1000% 10 ms ~150 ms 10 ms ~150 ms LM5N1500AP Rev : www.leiditech.com 01.06.2018 2/4 |