công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAXREFDES75 bảng dữ liệu(PDF) 13 Page - Maxim Integrated Products

tên linh kiện MAXREFDES75
Giải thích chi tiết về linh kiện  24-BIT WEIGH SCALE WITH A 16-BIT DAC, 0 TO 10V OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES75 bảng dữ liệu(HTML) 13 Page - Maxim Integrated Products

Back Button MAXREFDES75 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 9Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 10Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 11Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 12Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 13Page - Maxim Integrated Products MAXREFDES75 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
21. Disconnect the USB.
22. Power cycle the MAXREFDES75# and verify that the weight is
measured correctly and that the analog output changes are
calibrated.
Stand-alone operation (after the first calibration was done)
• The weight on display shows weight in grams.
• Analog output voltage is produced based on the calibration
done with the MAXREFDES75# calibration GUI.
• To reset the weight back to null, push the “S1” button (far right
button if board is oriented such that the display can be read),
this sets the weight back to zero.
• To reset the system, push the “S3” button (far left button if
board is oriented such that the display can be read).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14