công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2R075SC-5 bảng dữ liệu(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

tên linh kiện 2R075SC-5
Giải thích chi tiết về linh kiện  Excellent SMD handing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Trang chủ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R075SC-5 bảng dữ liệu(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R075SC-5 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075SC-5 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R075SC-5 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1) Sampling size in accordance to AQL(C=0)
2) DC spark-over voltage ±30% after load
3) Tests according to ITU-T Rec. K. 12 and IEC61643-1
Packaging
800pcs/reel
Direction of Feed
Cautions and warnings
●
Surge arresters must not be operated directly in power supply networks
●
Surge arresters may become hot in case of longer periods of current stress (danger of burning).
●
If the contacts of the surge arrester are defective, current stress can lead to the formation of
sparks and loud noises.
●
Surge arresters may be used only within their specified values. In case of overload, the head
contacts may fail or the component may be destroyed.
●
Damaged surge arresters must not be re-used.
2R075SC-5~2R600SC-5
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev 2.0 :
www.leiditech.com
12.01.2019
3/3



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com