| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
09180167006 bảng dữ liệu(PDF) 1 Page - HARTING Technology Group |
|
|
|||||||||||||||||||||||||||||
09180167006 bảng dữ liệu(HTML) 1 Page - HARTING Technology Group |
|
1 / 2 page ![]() Product data sheet 09 18 016 7006 SEK CAB FLAT COLOR TW AWG28/7 16P 30,48m SEK CAB FLAT COLOR TW AWG28/7 16P 30,48m Image is for illustration purposes only. Please refer to product description. Part number 09 18 016 7006 Specification SEK CAB FLAT COLOR TW AWG28/7 16P 30,48m HARTING eCatalogue https://b2b.harting.com/09180167006 Identification Category System cabling Element Bulk cables Specification Not assembled Type of cable Copper cable (flat) Description of the cable Twisted pair Version Cable length 30.48 m Number of cores 16 Core structure AWG 28/7 Technical characteristics Impedance 122 Ω Limiting temperature -20 ... +105 °C Signal run time @ 20 °C ≤5.35 ns/m Material properties Material (cable) PVC Colour (cable) Colour coded Material flammability class acc. to UL 94 VW-1 RoHS compliant ELV status compliant China RoHS e Page 1 / 2 | Creation date 2021-06-22 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality, conformity with applicable laws and directives, as well as for the electrical safety in the particular application. HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com |
Số phần tương tự - 09180167006 |
|
Mô tả tương tự - 09180167006 |