công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZB4BJ27 bảng dữ liệu(PDF) 2 Page - Schneider Electric

tên linh kiện ZB4BJ27
Giải thích chi tiết về linh kiện  Head for selector switch, Harmony XB4, XB5, black 횠22 mm 2 position stay put
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHNEIDER [Schneider Electric]
Trang chủ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4BJ27 bảng dữ liệu(HTML) 2 Page - Schneider Electric

  ZB4BJ27 Datasheet HTML 1Page - Schneider Electric ZB4BJ27 Datasheet HTML 2Page - Schneider Electric ZB4BJ27 Datasheet HTML 3Page - Schneider Electric ZB4BJ27 Datasheet HTML 4Page - Schneider Electric ZB4BJ27 Datasheet HTML 5Page - Schneider Electric ZB4BJ27 Datasheet HTML 6Page - Schneider Electric ZB4BJ27 Datasheet HTML 7Page - Schneider Electric ZB4BJ27 Datasheet HTML 8Page - Schneider Electric ZB4BJ27 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class I IEC 60536
IP degree of protection
IP67 IEC 60529
IP69
IP69K
NEMA degree of protection
NEMA 13
NEMA 4X
IK degree of protection
IK06 IEC 50102
Standards
UL 508
EN/IEC 60947-5-4
EN/IEC 60947-1
EN/IEC 60947-5-5
EN/IEC 60947-5-1
JIS C8201-5-1
CSA C22.2 No 14
JIS C8201-1
Product Certifications
BV
CSA
GL
UL Listed
LROS (Lloyds register of shipping)
DNV
Vibration resistance
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Ordering and shipping details
GTIN
3389110827590
Nbr. of units in pkg.
1
Package weight(Lbs)
1.55 oz (44 g)
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.20 in (5.6 cm)
Package 1 width
1.34 in (3.4 cm)
Package 1 Length
2.13 in (5.4 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
100
Package 2 Weight
10.70 lb(US) (4.855 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP),
which is known to the State of California to cause birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
2
Oct 13, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com