công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX77960 bảng dữ liệu(PDF) 4 Page - Maxim Integrated Products

tên linh kiện MAX77960
Giải thích chi tiết về linh kiện  Demonstrates 3.5V to 25.4V Input Operating Range
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77960 bảng dữ liệu(HTML) 4 Page - Maxim Integrated Products

  MAX77960 Datasheet HTML 1Page - Maxim Integrated Products MAX77960 Datasheet HTML 2Page - Maxim Integrated Products MAX77960 Datasheet HTML 3Page - Maxim Integrated Products MAX77960 Datasheet HTML 4Page - Maxim Integrated Products MAX77960 Datasheet HTML 5Page - Maxim Integrated Products MAX77960 Datasheet HTML 6Page - Maxim Integrated Products MAX77960 Datasheet HTML 7Page - Maxim Integrated Products MAX77960 Datasheet HTML 8Page - Maxim Integrated Products MAX77960 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77960/MAX77961
MAX77960/MAX77961
Evaluation Kit
Detailed Description of Software
The MAX77960/MAX77961 GUI software provides an easy-
to-use interface to control the function blocks of the IC.
Software Installation
Double-click the
MAX77960_MAX77961GUISetup-
X.X.X.exe icon to begin the installation process. Follow
the prompts to complete the installation. The evalua-
tion software can be uninstalled in the
Add/Remove
Programs tool in the Control Panel. After the installation
is complete, open the
Maxim Integrated/MAX77960_
MAX77961 folder and run MAX77960_MAX77961.exe
or select it from the program menu. Figure 3 shows a
splash screen containing information about the evaluation
kit that appears while the program is loading.
Establish Communication
Power up the MAX77960/MAX77961 by connecting a
2- or 3-cell Li-ion battery or simulated battery at BATTP/
BATTN. Open the GUI software and select
Device >
Connect. A window should pop up showing that a slave
address 0xD2 has been found. If not, check the USB
connection and power. Choose
Read and Close and the
status bar displays “Connected” to signify active commu-
nication. An example of a successful connection is shown
in Figure 4.
Figure 3. EV Kit Splash Screen
Table 1. Jumper Connection Guide (continued)
JUMPER
NUMBER
PCB
SILKSCREEN
DEFAULT
POSITION
FUNCTION
J10
INLIM
1-2
1-2: Connects INLIM to PVL. Default input current limit is same as
decode of reset value of CHGIN_ILIM[6:0].
2-3: Connects INLIM to R51. Default input current limit is programmed by
R51.
J11
ITO
1-2
1-2: Connects ITO to PVL. Default top-off charge current is same as
decode of reset value of TO_ITH[2:0].
2-3: Connects ITO to R52. Default top-off charge current is programmed by
R52.
J12
ISET
1-2
1-2: Connects ISET to PVL. Default fast-charge current is same as decode
of reset value CHGCC[5:0].
2-3: Connects ISET to R53. Default fast-charge current is programmed by
R53.
J13
THM
2-3
1-2: Connects THM to potentiometer R39. Adjust resistance of R39 to
emulate resistance change of a 10kΩ thermistor at different temperature.
2-3: Connects THM to a fixed 10kΩ resistor. This emulates resistance of a
10kΩ thermistor at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com