| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
152AM11L bảng dữ liệu(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
152AM11L bảng dữ liệu(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 10 page ![]() Spread Spectrum Clock Generator MDS 7152A A 9 Revision 102005 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS7152A Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS7152AM-02 7152AM02 Tubes 8-pin SOIC 0 to +70 ° C ICS7152AM-02T 7152AM02 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152AM-02LF 152AM02L Tubes 8-pin SOIC 0 to +70 ° C ICS7152AM-02LFT 152AM02L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152AMI-02 152AMI02 Tubes 8-pin SOIC -40 to +85 ° C ICS7152AMI-02T 152AMI02 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152AMI-02LF 52AMI02L Tubes 8-pin SOIC -40 to +85 ° C ICS7152AMI-02LFT 52AMI02L Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152AM-11 7152AM11 Tubes 8-pin SOIC 0 to +70 ° C ICS7152AM-11T 7152AM11 Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152AM-11LF 152AM11L Tubes 8-pin SOIC 0 to +70 ° C ICS7152AM-11LFT 152AM11L Tape and Reel 8-pin SOIC 0 to +70 ° C ICS7152AMI-11 152AMI11 Tubes 8-pin SOIC -40 to +85 ° C ICS7152AMI-11T 152AMI11 Tape and Reel 8-pin SOIC -40 to +85 ° C ICS7152AMI-11LF 52AMI11L Tubes 8-pin SOIC -40 to +85 ° C ICS7152AMI-11LFT 52AMI11L Tape and Reel 8-pin SOIC -40 to +85 ° C |