| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCIMX6DP7EYM2AB bảng dữ liệu(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP7EYM2AB bảng dữ liệu(HTML) 65 Page - NXP Semiconductors |
|
65 / 166 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018 NXP Semiconductors 65 4.11.1 Asynchronous Mode AC Timing (ONFI 1.0 Compatible) Asynchronous mode AC timings are provided as multiplications of the clock cycle and fixed delay. The Maximum I/O speed of GPMI in Asynchronous mode is about 50 MB/s. Figure 24 through Figure 27 depict the relative timing between GPMI signals at the module level for different operations under Asynchronous mode. Table 44 describes the timing parameters (NF1–NF17) that are shown in the figures. Figure 24. Command Latch Cycle Timing Diagram Figure 25. Address Latch Cycle Timing Diagram Figure 26. Write Data Latch Cycle Timing Diagram Command NF8 NF9 NF7 NF6 NF5 NF2 NF1 NF3 NF4 Address NF10 NF11 NF9 NF8 NF7 NF6 NF5 NF1 NF3 NAND_DATAxx Data to NF NF10 NF11 NF7 NF6 NF5 NF1 NF3 NF9 NF8 |