| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCIMX6DP4CVT2AB bảng dữ liệu(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP4CVT2AB bảng dữ liệu(HTML) 53 Page - NXP Semiconductors |
|
53 / 166 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018 NXP Semiconductors 53 4.9 System Modules Timing This section contains the timing and electrical parameters for the modules in each i.MX 6DualPlus/6QuadPlus processor. 4.9.1 Reset Timing Parameters Figure 10 shows the reset timing and Table 38 lists the timing parameters. Figure 10. Reset Timing Diagram 4.9.2 WDOG Reset Timing Parameters Figure 11 shows the WDOG reset timing and Table 39 lists the timing parameters. Figure 11. WDOG1_B Timing Diagram NOTE XTALOSC_RTC_XTALI is approximately 32 kHz. XTALOSC_RTC_XTALI cycle is one period or approximately 30 μs. NOTE WDOG1_B output signals (for each one of the Watchdog modules) do not have dedicated pins, but are muxed out through the IOMUX. See the IOMUX manual for detailed information. Table 38. Reset Timing Parameters ID Parameter Min Max Unit CC1 Duration of SRC_POR_B to be qualified as valid 1 — XTALOSC_RTC_ XTALI cycle Table 39. WDOG1_B Timing Parameters ID Parameter Min Max Unit CC3 Duration of WDOG1_B Assertion 1 — XTALOSC_RTC_ XTALI cycle SRC_POR_B CC1 (Input) WDOG1_B CC3 (Output) |