| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893BKILF bảng dữ liệu(PDF) 126 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893BKILF bảng dữ liệu(HTML) 126 Page - Integrated Circuit Systems |
|
126 / 133 page ![]() ICS1893BF, Rev. C, 9/29/05 September, 2005 126 Chapter 9 DC and AC Operating Conditions ICS1893BF Data Sheet - Release Copyright © 2005, Integrated Circuit Systems, Inc. All rights reserved. 9.5.17 10Base-T: Heartbeat Timing (SQE) Table 9-24 lists the significant time periods for the 10Base-T heartbeat (that is, the Signal Quality Error). The time periods consist of timings of signals on the following pins: • TXEN • TXCLK • COL Figure 9-18 shows the timing diagram for the time periods. Note: 1. For more information on 10Base-T SQE operations, see Section 6.5.10, “10Base-T Operation: SQE Test”. 2. In 10Base-T mode, one bit time = 100 ns. Figure 9-18. 10Base-T Heartbeat (SQE) Timing Diagram Table 9-24. 10Base-T Heartbeat (SQE) Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 COL Heartbeat Assertion Delay from TXEN De-Assertion 10Base-T Half Duplex – 850 1500 ns t2 COL Heartbeat Assertion Duration 10Base-T Half Duplex – 1000 1500 ns t2 t1 TXEN TXCLK COL |